Part Number Hot Search : 
TB106 AD7729 170M6342 DZ13B 1N4082 D44H11 015020 AD7545TQ
Product Description
Full Text Search
 

To Download GXO-U110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V SM Oscillator
Specifications
GXO-U110
GXO-U110S: 5.0V supply, 15pF / 10 LSTTL load GXO-U110H: 5.0V supply, 50pF / 10 TTL load
Variant S H Option Codes
Parameters
Frequency range: 1.8432 ~ 50.0MHz 1.8432 ~ 80.0MHz Frequency stability:
6.60 (max)
11.20 (max)
100ppm 50ppm 25ppm
B A
ACTUAL SIZE
PAD 2.20 2.70 (max) 1 2 3 4 1.10 2 3 5.08 1 2.50 4 3.51 2 5.08 TOP VIEW 3 3.51 1 4 1.67 3.41 1.67 CONNECTION Enable/Disable Ground Output Supply
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -55 to +125C Supply voltage (VDD): +5.0V (10%) Supply current (max): 20mA (1.8432 ~ 25.0MHz) 35mA (>25.0 ~ 50.0MHz) 25mA (1.8432 ~ 25.0MHz) 45mA (>25.0 ~ 50.0MHz) 80mA (>50.0 ~ 80.0MHz) Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Start up time: 5ms max (1.8432 ~ 32.0MHz) 10ms max (>32.0 ~ 80.0MHz) Waveform symmetry: 45:55 max 40:60 max (>50.0 ~ 67.0MHz) Driving ability: 10 LSTTL 15pF HCMOS 10 TTL 50pF HCMOS 10ns max 6ns max
I
Scale 2:1
Features

High drive capability - up to 50pF Ceramic package with metal lid Enable / disable tristate function Pad compatible with GXO-615 (rotate by 90)
Standard Frequencies
Frequencies in MHz 1.84320 2.00000 2.45760 3.68640 4.00000 4.91520 6.14400 7.37280 8.00000 9.83040 10.00000 12.00000 14.31818 16.00000 18.43200 20.00000 24.00000 25.00000 32.00000 40.00000 48.00000 50.00000 64.00000 66.66600 80.00000
Rise / fall time:
Enable / disable function: Tristate (control via pad 1) Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + variant + option codes (if any) + frequency eg: GXO-U110H 40.0MHz Heavy load, 100ppm -10+70C GXO-U110S/BI 40.0MHz Standard load, 50ppm -40+85C Option code X (eg GXO-U110H/X) denotes a custom spec. H variant is preferred. Available on T&R - 2k pcs per reel.
Other frequencies available. Please consult our sales office.
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Tel: +44 1460 256 100
01 May 1998
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GXO-U110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X